전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBG5333B 데이터시트(PDF) 2 Page - Microsemi Corporation

부품명 SMBG5333B
상세설명  5 Watt Surface Mount Silicon Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG5333B 데이터시트(HTML) 2 Page - Microsemi Corporation

  SMBG5333B Datasheet HTML 1Page - Microsemi Corporation SMBG5333B Datasheet HTML 2Page - Microsemi Corporation SMBG5333B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Part
Number
Regulator
Voltage
(VZ)
Test
Current
(IZT)
Maximum
Dynamic
Impedance
(ZZ)
(A&B Suffix)
Maximum
Reverse
Current
(IR)
@ VR
IR Test
Voltage
(VR)
(Non-Suffix
& A Suffix)
IR Test
Voltage
(VR)
(B,C,D
Suffix)
Maximum
Regulator
Current
(IZM)
(B,C,D Suffix)
Maximum
Dynamic
Knee
Impedance
Zzk @ 1.0 mA
(A,B,C,D Suffix)
Maximum
Surge
Current
(IZSM)
Maximum
Voltage
Regulation
(
∆VZ)
(A,B,C,D
Suffix)
Gull-Wing
Lead
C-Bend
(Mod – J)
V
mAdc
OHMS
µA
V
V
mA
OHMS
AMPS
VOLTS
SMBG5333B
SMBG5334B
SMBG5335B
SMBG5336B
SMBG5337B
SMBJ5333B
SMBJ5334B
SMBJ5335B
SMBJ5336B
SMBJ5337B
3.3
3.6
3.9
4.3
4.7
380
350
320
290
260
3.0
2.5
2.0
2.0
2.0
300
150
50
10
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1440
1320
1220
1100
1010
400
500
500
500
450
20
18.7
17.6
16.4
15.3
0.85
0.80
0.54
0.49
0.44
SMBG5338B
SMBG5339B
SMBG5340B
SMBG5341B
SMBG5342B
SMBJ5338B
SMBJ5339B
SMBJ5340B
SMBJ5341B
SMBJ5342B
5.1
5.6
6.0
6.2
6.8
240
220
220
200
175
1.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10
1.0
2.0
3.0
3.0
4.9
1.0
2.0
3.0
3.0
5.2
930
865
790
765
700
400
400
300
200
200
14.4
13.4
12.7
12.4
11.5
0.39
0.25
0.19
0.10
0.15
SMBG5343B
SMBG5344B
SMBG5345B
SMBG5346B
SMBG5347B
SMBJ5343B
SMBJ5344B
SMBJ5345B
SMBJ5346B
SMBJ5347B
7.5
8.2
8.7
9.1
10
175
150
150
150
125
1.5
1.5
2.0
2.0
2.0
10
10
10
7.5
5.0
6.4
6.9
6.25
6.6
7.2
5.7
6.2
6.6
6.9
7.6
630
580
545
520
475
200
200
200
150
125
10.7
10
9.5
9.2
8.6
0.15
0.20
0.20
0.22
0.22
SMBG5348B
SMBG5349B
SMBG5350B
SMBG5351B
SMBG5352B
SMBJ5348B
SMBJ5349B
SMBJ5350B
SMBJ5351B
SMBJ5352B
11
12
13
14
15
125
100
100
100
75
2.5
2.5
2.5
2.5
2.5
5.0
2.0
1.0
1.0
1.0
8.0
8.6
9.4
10.1
10.8
8.4
9.1
9.9
10.6
11.5
430
395
265
340
315
125
125
100
75
75
8.0
7.5
7.0
6.7
6.3
0.25
0.25
0.25
0.25
0.25
SMBG5353B
SMBG5354B
SMBG5355B
SMBG5356B
SMBG5357B
SMBJ5353B
SMBJ5354B
SMBJ5355B
SMBJ5356B
SMBJ5357B
16
17
18
19
20
75
70
65
65
65
2.5
2.5
2.5
3.0
3.0
1.0
0.5
0.5
0.5
0.5
11.5
12.2
13
13.7
14.4
12.2
12.3
13.7
14.4
15.2
295
280
264
250
237
75
75
75
75
75
6.0
5.8
5.5
5.3
5.1
0.30
0.35
0.40
0.40
0.40
SMBG5358B
SMBG5359B
SMBG5360B
SMBG5361B
SMBG5362B
SMBJ5358B
SMBJ5359B
SMBJ5360B
SMBJ5361B
SMBJ5362B
22
24
25
27
28
50
50
50
50
50
3.5
3.5
4.0
5.0
6.0
0.5
0.5
0.5
0.5
0.5
15.8
17.3
18
19.4
20.1
16.7
18.2
19
20.6
21.2
216
198
190
176
170
75
100
110
120
130
4.7
4.4
4.3
4.1
3.9
0.45
0.55
0.55
0.60
0.60
SMBG5363B
SMBG5364B
SMBG5365B
SMBG5366B
SMBG5367B
SMBJ5363B
SMBJ5364B
SMBJ5365B
SMBJ5366B
SMBJ5367B
30
33
36
39
43
40
40
30
30
30
8.0
10
11
14
20
0.5
0.5
0.5
0.5
0.5
21.6
23.8
25.9
28.1
31
22.8
25.1
27.4
29.7
32.7
158
144
132
122
110
140
150
160
170
190
3.7
3.5
3.3
3.1
2.8
0.60
0.63
0.65
0.65
0.70
SMBG5368B
SMBG5369B
SMBG5370B
SMBG5371B
SMBG5372B
SMBJ5368B
SMBJ5369B
SMBJ5370B
SMBJ5371B
SMBJ5372B
47
51
56
60
62
25
25
20
20
20
25
27
35
40
42
0.5
0.5
0.5
0.5
0.5
33.8
36.7
40.3
43
44.6
35.8
38.8
42.5
45.5
47.1
100
93
86
79
76
210
230
280
350
400
2.7
2.5
2.3
2.2
2.1
0.80
0.90
1.00
1.20
1.35
SMBG5373B
SMBG5374B
SMBG5375B
SMBG5376B
SMBG5377B
SMBJ5373B
SMBJ5374B
SMBJ5375B
SMBJ5376B
SMBJ5377B
68
75
82
87
91
20
20
15
15
15
44
45
65
75
75
0.5
0.5
0.5
0.5
0.5
49
54
59
63
65.5
51.7
56
62.2
66
69.2
70
63
58
54.5
52.5
500
620
720
760
760
2.0
1.9
1.8
1.7
1.6
1.50
1.60
1.80
2.00
2.20
SMBG5378B
SMBG5379B
SMBG5380B
SMBG5381B
SMBG5382B
SMBJ5378B
SMBJ5379B
SMBJ5380B
SMBJ5381B
SMBJ5382B
100
110
120
130
140
12
12
10
10
8.0
90
125
170
190
230
0.5
0.5
0.5
0.5
0.5
72
79.2
86.4
93.6
101
76
83.6
91.2
93.8
106
47.5
43
39.5
36.6
34
800
1000
1150
1250
1500
1.5
1.4
1.3
1.2
1.2
2.30
2.50
2.50
2.50
2.50
SMBG5383B
SMBG5384B
SMBG5385B
SMBG5386B
SMBG5387B
SMBG5388B
SMBJ5383B
SMBJ5384B
SMBJ5385B
SMBJ5386B
SMBJ5387B
SMBJ5388B
150
160
170
180
190
200
8.0
8.0
8.0
5.0
5.0
5.0
330
350
380
430
450
480
0.5
0.5
0.5
0.5
0.5
0.5
108
115
122
130
137
144
114
122
129
137
144
152
31.5
29.4
28
26.4
25
23.6
1500
1660
1750
1750
1850
1850
1.1
1.1
1.0
1.0
0.9
0.9
3.00
3.00
3.00
4.00
5.00
5.00
Electrical Characteristics
SMB(G or J)5333B thru SMB(G or J)5333B



Html Pages

1 2 3