| 전자부품 데이터시트 검색엔진 |
|
SM5838AS 데이터시트(PDF) 12 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5838AS 데이터시트(HTML) 12 Page - Nippon Precision Circuits Inc |
|
12 / 14 page ![]() SM5838AS NIPPON PRECISION CIRCUITS—12 1/2n data reduction (n × n pixel reduction) Screen resolution reduction, or 2 × 2 pixel reduction, can be realized by combining both 1/2 data reduction and 1/2 line extraction schemes. Furthermore, n × n pixel reduction (for integer n) can be realized by changing the WE and RE disable intervals and the RW and RR reset timing. 2 × 2 pixel reduction (1/4 reduction) 2 × 2 pixel reduction (mosaic) *Output date 902 to 908 forms the preceding 1H data. 2 pixels 2 pixels Valid Invalid Invalid Invalid 0123 45 02 0 2 908 908 nH-2H nH CLK WE RW DOUT RE OE RR DIN nH nH+2H 012345 012345 nH-1H nH+1H 2 345 2345 01 0 1 909 909 909 909 909 2 pixels 2 pixels Valid 0123 45 CLK WE RW DOUT RE OE RR DIN nH nH+2H 909 02 4 6 908* 6 012345 012345 nH-1H nH+1H 2 345 2345 01 0 1 909 909 nH nH-2H nH-2H nH 909 909 024 908 0 2 4 908* 0 2 4 908 Also, if the same data is repeatedly read out in place of other data that has been discarded, the screen reso- lution can be reduced without changing the data rate to realize a mosaic filter function. |