| 전자부품 데이터시트 검색엔진 |
|
DAP041 데이터시트(PDF) 39 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
DAP041 데이터시트(HTML) 39 Page - ON Semiconductor |
|
39 / 40 page ![]() SCY99194 http://onsemi.com 39 Figure 67. Latch Timing Diagram VCC(on) VCC(min) Temperature Shutdown The SCY99194 includes a temperature shutdown protection with a trip point typically at 150 °C and the typical hysteresis of 30 °C. When the temperature rises above the high threshold, the controller stops switching instantaneously, and goes to the off mode with extremely low power consumption. There is kept the VCC supply to keep the TSD information. When the temperature falls below the low threshold, the start−up of the device is enabled again, and a regular start−up sequence takes place. See the status diagrams at the Figures 41 and 42. ORDERING INFORMATION 5 Delta Device Part No. ON Semiconductor Ordering Part No. Marking Overload Protection Switching Frequency Package Shipping† DAP041 SCY99194AD065R2G DAP041 Latched 65 kHz SOIC−7 (Pb−Free) 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |