| 전자부품 데이터시트 검색엔진 |
|
ASM3P2879AF-08ST 데이터시트(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P2879AF-08ST 데이터시트(HTML) 2 Page - ON Semiconductor |
|
2 / 10 page ![]() ASM3P2879A http://onsemi.com 2 Figure 1. Block Diagram XOUT XIN VSS Crystal Oscillator VDD Frequency Divider Feedback Divider Modulation Phase Detector Loop Filter PLL VCO ModOUT Output Divider REFOUT Table 1. PIN DESCRIPTION (6−Pin TSOT−23 Package) Pin# Pin Name Type Description 1 REFOUT O Buffered output of the input frequency. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 4 VDD P Power supply for the entire chip (3.3 V). 5 ModOUT O Spread spectrum clock output. 6 VSS P Ground connection. Table 2. PIN DESCRIPTION (8−Pin SOIC and TSSOP Packages) Pin# Pin Name Type Description 1 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 REFOUT O Buffered output of the input frequency. 4 NC − No connect. 5 VSS P Ground connection. 6 ModOUT O Spread spectrum clock output. 7 NC − No connect. 8 VDD P Power supply for the entire chip. |