전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM1815 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 ASM1815
상세설명  Low Power Open-Drain Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1815 데이터시트(HTML) 6 Page - ON Semiconductor

  ASM1815 Datasheet HTML 1Page - ON Semiconductor ASM1815 Datasheet HTML 2Page - ON Semiconductor ASM1815 Datasheet HTML 3Page - ON Semiconductor ASM1815 Datasheet HTML 4Page - ON Semiconductor ASM1815 Datasheet HTML 5Page - ON Semiconductor ASM1815 Datasheet HTML 6Page - ON Semiconductor ASM1815 Datasheet HTML 7Page - ON Semiconductor ASM1815 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ASM1816
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−92 (TO−226)
CASE 29−11
ISSUE AM
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X−X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
---
12.70
---
L
0.250
---
6.35
---
N
0.080
0.105
2.04
2.66
P
---
0.100
---
2.54
R
0.115
---
2.93
---
V
0.135
---
3.43
---
1
STRAIGHT LEAD
BULK PACK



Html Pages

1 2 3 4 5 6 7 8