전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDSP16256C0 데이터시트(PDF) 7 Page - Mitel Networks Corporation

부품명 PDSP16256C0
상세설명  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITEL [Mitel Networks Corporation]
홈페이지  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256C0 데이터시트(HTML) 7 Page - Mitel Networks Corporation

Back Button PDSP16256C0 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16256C0 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PDSP16256
7
Figure. 5 Filter network diagram
Single Filter Options
When operating as a single filter the device accepts data
on the 16-bit DA bus at the selected sample rate, see
Figs. 5 and 6. Results are presented on the 32-bit F bus,
which may be tristated using the OEN input. Signal OEN is
registered onto the device and does not therefore take
effect until the first SCLK rising edge. Devices may be
cascaded this allows filters with more taps than available
from a single device. To accomplish this two further
buses are utilised. The DB bus presents the input data to
the next device in cascade after the appropriate delay,
while, partial results are accepted on the X bus.
Single filter mode is selected by setting control register bit
15 to a one. The required filter length is then selected
using control register bits 14 and 13 as summarised in
Table 3. The options define the number of times each
multiplier accumulator is used per sample clock period.
This can be once, twice, four times, or eight times.
In addition a normal/decimate bit (CR12) allows the filter
length to be doubled at any sample rate. This is possible
when the filter coefficients are selected to produce a low
pass filter, since the filtered output would then not contain
the higher frequency components present in the input.
The Nyquist criterion, specifying that the sampling rate
must be at least double the highest frequency compo-
nent, can still then be satisfied even though the sampling
rate has been halved.
The system clock latency for a single device is shown in
Table 3. This is defined as the delay from a particular data
sample being available on the input pins to the first result
including that input appearing on the output pins. It does
not include the delay needed to gather N samples, for an
N tap filter, before a mathematically correct result is
obtained.
CR
Input
Output
Filter
Setup
14 13 12
Rate
Rate
Length
Latency
0
0
0
SCLK
SCLK
16 Taps
16
0
0
1
SCLK
SCLK/2
32 Taps
17
0
1
0
SCLK/2
SCLK/2
32 Taps
16
0
1
1
SCLK/2
SCLK/4
64 Taps
18
1
0
0
SCLK/4
SCLK/4
64 Taps
20
1
0
1
SCLK/4
SCLK/8
128 Taps
24
1
1
0
SCLK/8
SCLK/8
128 Taps
24
Table 3 Single Filter options
Figure. 6 Single Filter bus utilisation
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0
DATA
DELAY LINE
DATA
OUT
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
ACCUMULATE
EXPANSION
IN
DATA
IN
RESULT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28