| 전자부품 데이터시트 검색엔진 |
|
PDSP16488C0 데이터시트(PDF) 12 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16488C0 데이터시트(HTML) 12 Page - Mitel Networks Corporation |
|
12 / 33 page ![]() 12 Fig. 9 Physical coefficient positions C0 C8 C16 C24 C32 C40 C48 C56 C1 C9 C17 C25 C33 C41 C49 C57 C2 C10 C18 C26 C34 C42 C50 C58 C3 C11 C19 C27 C35 C43 C51 C59 C4 C12 C20 C28 C36 C44 C52 C60 C5 C13 C21 C29 C37 C45 C53 C61 C6 C14 C22 C30 C38 C46 C54 C62 C7 C15 C23 C31 C39 C47 C55 C63 8 8, 8-BIT DATA 512 512 512 L7:0 512 512 512 512 IP7:0 512 C0 C32 C8 C40 16 C16 C48 C24 C56 C1 C33 C9 C41 C17 C49 C25 C57 C2 C34 C10 C42 C18 C50 C26 C58 C3 C35 C11 C43 C19 C51 C27 C59 C4 C36 C12 C44 C20 C52 C28 C60 C5 C37 C13 C45 C21 C53 C29 C61 C6 C38 C14 C46 C22 C54 C30 C62 C7 C39 C15 C47 C23 C55 C31 C63 8 4, 16-BIT DATA 512 512 512 512 L7:0 512 512 512 512 IP7:0 LSB 16 16 16 MSB C0 C8 C16 C24 C1 C9 C17 C25 C2 C10 C18 C26 C3 C11 C19 C27 C4 C12 C20 C28 C5 C13 C21 C29 C6 C14 C22 C30 C7 C15 C23 C31 8 4, 8-BIT DATA L7:0 1024 1024 1024 1024 IP7:0 C0 C4 C8 C12 C1 C5 C9 C13 C2 C6 C10 C14 C3 C7 C11 C15 4 4, 8-BIT DATA L7:0 1024 1024 1024 1024 IP7:0 C0 C16 C4 C20 16 C8 C24 C12 C28 C1 C17 C5 C21 C9 C25 C13 C29 C2 C18 C6 C22 C10 C26 C14 C30 C3 C19 C7 C23 C11 C27 C15 C31 4 4, 16-BIT DATA 512 512 512 512 L7:0 512 512 512 512 IP7:0 LSB 16 16 16 MSB NOTE: Two coefficients occurring in the same box have identical values |