전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP112 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP112
상세설명  TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 데이터시트(HTML) 17 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TMP112-Q1
www.ti.com
SLOS887D – SEPTEMBER 2014 – REVISED DECEMBER 2015
Programming (continued)
Table 6 lists the pointer address of the registers available in the TMP112-Q1 device.Table 7 lists the bits of the
pointer register byte. During a write command, bytes P2 through P7 must always be 0.
Table 6. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature register (read only [R])
0
1
Configuration register (read-write [R/W])
1
0
T(LOW) register (R/W)
1
1
T(HIGH) register (R/W)
Table 7. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
7.5.2 Temperature Register
The temperature register of the TMP112-Q1 device is configured as a 12-bit read-only register (setting the EM bit
to 0 in the configuration register; see the Extended Mode (EM) section), or as a 13-bit read-only register (setting
the EM bit to 1 in the configuration register) that stores the output of the most recent conversion. Two bytes must
be read to obtain data and are listed in Table 8. Byte 1 is the most significant byte (MSB), followed by byte 2, the
least significant byte (LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The
least significant byte does not have to be read if that information is not needed.
Table 8. Bytes 1 and 2 of Temperature Register(1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
1
(T12)
(T11)
(T10)
(T9)
(T8)
(T7)
(T6)
(T5)
T3
T2
T1
T0
0
0
0
0
2
(T4)
(T3)
(T2)
(T1)
(T0)
(0)
(0)
(1)
(1)
Extended mode 13-bit configuration shown in parentheses.
7.5.3 Configuration Register
The configuration register is a 16-bit R/W register used to store bits that control the operational modes of the
temperature sensor. Read-write operations are performed MSB first. Table 9 lists the format and power-up and
reset values of the configuration register. For compatibility, the first byte corresponds to the configuration register
in the TMP75 and TMP275 devices. All registers are updated byte by byte.
Table 9. Configuration and Power-Up and Reset Formats
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
OS
R1
R0
F1
F0
POL
TM
SD
1
0
1
1
0
0
0
0
0
CR1
CR0
AL
EM
0
0
0
0
2
1
0
1
0
0
0
0
0
7.5.3.1 Shutdown Mode (SD)
The shutdown mode bit saves maximum power by shutting down all device circuitry other than the serial
interface which reduces current consumption to typically less than 0.5
μA. Shutdown mode is enabled when the
SD bit is set to 1. When this bit is set to 1 the device shuts down when current conversion is completed. When
the SD bit is set to 0 the device maintains a continuous conversion state.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP112-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com