전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM4148 데이터시트(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

부품명 MM4148
상세설명  SURFACE MOUNT SMALL SIGNAL DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
홈페이지  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MM4148 데이터시트(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MM4148 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MM4148 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. MM4148 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics
Tj = 25
_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5mA
VF
0.62
0.72
V
g
IF=
VF
0.86
1
V
IF=100mA
VF
0.93
1
V
Reverse current
VR=20V
IR
25
nA
VR=20V, Tj=150
°C
IR
50
mA
VR=75V
IR
5
mA
Breakdown voltage
IR=100
mA, tp/T=0.01,
tp=0.3ms
V(BR)
100
V
Diode capacitance
VR=0, f=1MHz,
VHF=50mV
CD
4
pF
Rectification efficiency
VHF=2V, f=100MHz
hr
45
%
Reverse recovery time
IF=IR=10mA, iR=1mA
trr
8
ns
y
IF=10mA, VR=6V,
iR=0.1xIR, RL=100
W
trr
4
ns
Typical Characteristics (Tj = 25
_C unless otherwise specified)
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9096
Scattering Limit
Tj =25°C
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9097
Scattering Limit
Tj =25°C
Figure 2. Forward Current vs. Forward Voltage
MM4148,MM4448
MM4448
MM4148
MM4448
50mA
MM4148
MM4448



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com