전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F016D-90FCB 데이터시트(PDF) 5 Page - Advanced Micro Devices

부품명 AM29F016D-90FCB
상세설명  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90FCB 데이터시트(HTML) 5 Page - Advanced Micro Devices

  AM29F016D-90FCB Datasheet HTML 1Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 2Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 3Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 4Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-90FCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
4
Am29F016D
PRODUCT SELECTOR GUIDE
Note: See the AC Characteristics section for more information.
BLOCK DIAGRAM
Family Part Number
Am29F016D
Speed Options (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
Max Access Time (ns)
70
90
120
150
CE# Access (ns)
70
90
120
150
OE# Access (ns)
40
40
50
75
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45