전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8260ACVR 데이터시트(PDF) 38 Page - Motorola, Inc

부품명 MPC8260ACVR
상세설명  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR 데이터시트(HTML) 38 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 34Page - Motorola, Inc MPC8260ACVR Datasheet HTML 35Page - Motorola, Inc MPC8260ACVR Datasheet HTML 36Page - Motorola, Inc MPC8260ACVR Datasheet HTML 37Page - Motorola, Inc MPC8260ACVR Datasheet HTML 38Page - Motorola, Inc MPC8260ACVR Datasheet HTML 39Page - Motorola, Inc MPC8260ACVR Datasheet HTML 40Page - Motorola, Inc MPC8260ACVR Datasheet HTML 41Page - Motorola, Inc MPC8260ACVR Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Pinout
XFC
AB2
CLKIN1
AH4
PA0/RESTART1/DREQ3/FCC2_UTM_TXADDR2
AC292
PA1/REJECT1/FCC2_UTM_TXADDR1/DONE3
AC252
PA2/CLK20/FCC2_UTM_TXADDR0/DACK3
AE282
PA3/CLK19/FCC2_UTM_RXADDR0/DACK4/L1RXD1A2
AG292
PA4/REJECT2/FCC2_UTM_RXADDR1/DONE4
AG282
PA5/RESTART2/DREQ4/FCC2_UTM_RXADDR2
AG262
PA6/L1RSYNCA1
AE242
PA7/SMSYN2/L1TSYNCA1/L1GNTA1
AH252
PA8/SMRXD2/L1RXD0A1/L1RXDA1
AF232
PA9/SMTXD2/L1TXD0A1
AH232
PA10/FCC1_UT8_RXD0/FCC1_UT16_RXD8/MSNUM5
AE222
PA11/FCC1_UT8_RXD1/FCC1_UT16_RXD9/MSNUM4
AH222
PA12/FCC1_UT8_RXD2/FCC1_UT16_RXD10/MSNUM3
AJ212
PA13/FCC1_UT8_RXD3/FCC1_UT16_RXD11/MSNUM2
AH202
PA14/FCC1_UT8_RXD4/FCC1_UT16_RXD12/FCC1_RXD3
AG192
PA15/FCC1_UT8_RXD5/FCC1_UT16_RXD13/FCC1_RXD2
AF182
PA16/FCC1_UT8_RXD6/FCC1_UT16_RXD14/FCC1_RXD1
AF172
PA17/FCC1_UT8_RXD7/FCC1_UT16_RXD15/FCC1_RXD0/FCC1_RXD
AE162
PA18/FCC1_UT8_TXD7/FCC1_UT16_TXD15/FCC1_TXD0/FCC1_TXD
AJ162
PA19/FCC1_UT8_TXD6/FCC1_UT16_TXD14/FCC1_TXD1
AG152
PA20/FCC1_UT8_TXD5/FCC1_UT16_TXD13/FCC1_TXD2
AJ132
PA21/FCC1_UT8_TXD4/FCC1_UT16_TXD12/FCC1_TXD3
AE132
PA22/FCC1_UT8_TXD3/FCC1_UT16_TXD11
AF122
PA23/FCC1_UT8_TXD2/FCC1_UT16_TXD10
AG112
PA24/FCC1_UT8_TXD1/FCC1_UT16_TXD9/MSNUM1
AH92
PA25/FCC1_UT8_TXD0/FCC1_UT16_TXD8/MSNUM0
AJ82
PA26/FCC1_UTM_RXCLAV/FCC1_UTS_RXCLAV/FCC1_MII_RX_ER
AH72
PA27/FCC1_UT_RXSOC/FCC1_MII_RX_DV
AF72
PA28/FCC1_UTM_RXENB/FCC1_UTS_RXENB/FCC1_MII_TX_EN
AD52
PA29/FCC1_UT_TXSOC/FCC1_MII_TX_ER
AF12
PA30/FCC1_UTM_TXCLAV/FCC1_UTS_TXCLAV/FCC1_MII_CRS/
FCC1_RTS
AD32
PA31/FCC1_UTM_TXENB/FCC1_UTS_TXENB/FCC1_MII_COL
AB52
PB4/FCC3_TXD3/FCC2_UT8_RXD0/L1RSYNCA2/FCC3_RTS
AD282
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48