전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5343S 데이터시트(PDF) 1 Page - AUK corp

부품명 2SC5343S
상세설명  General small signal amplifier (General small signal amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5343S 데이터시트(HTML) 1 Page - AUK corp

  2SC5343S Datasheet HTML 1Page - AUK corp 2SC5343S Datasheet HTML 2Page - AUK corp 2SC5343S Datasheet HTML 3Page - AUK corp 2SC5343S Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-2034-004
1
2SC5343S
NPN Silicon Transistor
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE=0.25V(Max.)
• Low output capacitance : Cob=2pF(Typ.)
• Complementary pair with 2SA1980S
Ordering Information
Type NO.
Marking
Package Code
2SC5343S
DA
SOT-23
: hFE rank
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Base
2. Emitter
3. Collector
2.3~2.5
1.2~1.4
0.45~0.60
3
1
2
0.2 Min.


유사한 부품 번호 - 2SC5343S

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
logo
Foshan Blue Rocket Elec...
2SC5343S FOSHAN-2SC5343S Datasheet
931Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
AUK corp
2SC5343SF AUK-2SC5343SF Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
logo
Guangdong Kexin Industr...
2SC5343SF KEXIN-2SC5343SF Datasheet
37Kb / 1P
NPN Silicon Transistor
More results

유사한 설명 - 2SC5343S

제조업체부품명데이터시트상세설명
logo
AUK corp
STC945 AUK-STC945 Datasheet
95Kb / 3P
General small signal Amplifier
logo
Suntac Electronic Corp.
STC945 SUNTAC-STC945 Datasheet
122Kb / 3P
General small signal amplifier
logo
KODENSHI_AUK CORP.
2SA1980E KODENSHI-2SA1980E Datasheet
223Kb / 4P
General small signal amplifier
2SA1980EF KODENSHI-2SA1980EF Datasheet
247Kb / 4P
General small signal amplifier
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com