전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6503A 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM6503A
상세설명  Diode Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6503A 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6503A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6503A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6503A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6503A Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM6503A
NIPPON PRECISION CIRCUITS INC.—3
TYPICAL PERFORMANCE
V–I Characteristics (between DIO1 to DIO5 and VSS)
Terminal Capacitance vs. Applied Voltage
f = 1MHz
-8
-6
-4
-2
0
2
4
6
8
-10
-5
5
10
Clamping voltage [V]
0
2
4
6
8
10
12
01234567
Applied voltage VF [V]



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com