전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD03 데이터시트(PDF) 3 Page - Diotech Company.

부품명 SD03
상세설명  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTECH [Diotech Company.]
홈페이지  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SD03 데이터시트(HTML) 3 Page - Diotech Company.

  SD03 Datasheet HTML 1Page - Diotech Company. SD03 Datasheet HTML 2Page - Diotech Company. SD03 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD03 THRU SD36
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SUGGESTED SOLDER PAD LAYOUT
SOD-323 PACKAGE OUTLINE & DIMENTIONS
SOD-323
x
a
M
n
i
M
m
i
D
5
2
3
.1
5
7
2
.1
A
B
5
2
7
.1
5
7
6
.1
Typical
9
.0
C
5
3
.0
5
2
.0
D
7
3
.0
7
2
.0
E
1
.0
2
0
.0
H
Typical
1
.0
J
K
7
.2
6
.2
All Dimensions in mm
0.025
(0.63)
inches(mm)
0.033
(0.83)
0.063
(1.60)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com