| 전자부품 데이터시트 검색엔진 |
|
P1P3800AG12CRTWG 데이터시트(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
P1P3800AG12CRTWG 데이터시트(HTML) 3 Page - ON Semiconductor |
|
3 / 7 page ![]() P1P3800A http://onsemi.com 3 CLKOUT Diagram LOW CLK# CLK TIMING Diagram For Glitch Free Operation (For Reference) (Transition of outputs from any state to any other state) S4=1, S3=1, S2=1, S1=0 Change Area S4=1, S3=1, S2=0, S1=1 Change Area S4=0, S3=0, S2=1, S1=1 PD# PD#=0 Latency Latency Input Clock CLKOUT1 CLKOUT2 CLKOUT3 CLKOUT4 Note: Transition to new state will happen after a latency of one output clock cycle after completing the present output clock cycle Transition to new state will happen after a latency of up to 3 input clock cycles excluding the input cycle where the transition has occured. Power Up VDD CLKOUT I/P CLK S1~S4 in any stable state Valid Clock according to S1~S4 10mS(min) Note: Transition to new state will happen after a latency of up to 2 input clock cycles excluding the input cycle where the transition has occured. |