전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSP250-60GHT 데이터시트(PDF) 1 Page - FSP TECHNOLOGY INC.

부품명 FSP250-60GHT
상세설명  AC - line powered switching power supply with active PFC circuit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FSP [FSP TECHNOLOGY INC.]
홈페이지  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP250-60GHT 데이터시트(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP250-60GHT Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This is the specification of Model FSP250-60GHT,(85)F; AC -
line powered switching power supply with active PFC
(Power Factor C orrection) circuit, meet EN61000-3-2 and
with Full Range Input features. Also, +5Vsb power is less
than 0.5Winput at power off mode (PS_ON input at high
state) which is comply with ErP Lot 6 year 2013
requirement.
APPLICATION
Desktop , Mini-itx
W ATTAGE
Wattage:
250W
DIMENSION
Dimension:
175mm(L) x 85mm(W) x
70mm(H)
PRODUCT HIGHLIGHT
Efficiency Lev el:
80PLUS Bonze
Erp Lot:
<0.5W
Input Voltage:
100~240Vac
INPUT SPECIFICATION
Input Range:
100-240 Vac
Input F requency :
47-63 Hz
Input Current:
115V< 3.0 Amps – rms
230V<1.5 Amps – rms
OUTPUT SPECIFICATION
SAFETY STANDARD APPAOVAL
GENERAL SPECIFICATION
Efficiency :
80PLUS Bonze
PWOK Delay Time: 500ms > PWOK > 100ms
EMC Performance: EN55022 class B
EN55024
EN 61000-3-2
EN 61000-3-3
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:10°C to
+50°C
Storage Temperature: -20°C to +
80
MTBF :
The power supply reliability when
calculated by MIL-HDBK-217; latest
revision, are exceed 100,000 hours
with all output at 80% full load and
an ambient temperature of 25.
*Output Voltage and C urrent Rating
+3.3V
+5V
+12V1
+12V2
-12V
+5Vsb
Ripple-Noise(R-P) mV
70mV
70mV
140mV
140mV
140mV
70mV
Regulation Load %
±5%
±5%
±5%
±5%
±10%
±5%
Output Max.(A)
14A
16A
14A
16A
0.5A
2.5A
Output Min.(A)
0.5A
0.3A
1A
1A
0A
0A
NOTES
(1 ) +3.3V & +5V total output not exceed 110W.
( 2 ) Total output continuous shall not exceed 250W.
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
PC PSU
FSP250-60GHT,(85)F


유사한 부품 번호 - FSP250-60GHT

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
FSP250-60GHC SPI-FSP250-60GHC Datasheet
256Kb / 1P
250 Watts ATX12V Switching Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
250 Watts ATX12V Swithcing Power Supply
FSP250-60GHN85 SPI-FSP250-60GHN85 Datasheet
253Kb / 1P
Complied with ATX12V standard
FSP250-60GHS SPI-FSP250-60GHS Datasheet
860Kb / 1P
Complied with SFX12V standard
More results

유사한 설명 - FSP250-60GHT

제조업체부품명데이터시트상세설명
logo
FSP TECHNOLOGY INC.
FSP300-60GHS FSP-FSP300-60GHS Datasheet
127Kb / 1P
AC -line powered switching power supply with active PFC
FSP300-60GNV-5K FSP-FSP300-60GNV-5K Datasheet
87Kb / 1P
AC -line powered switching power supply with active PFC
FSP400-60GHS FSP-FSP400-60GHS Datasheet
127Kb / 1P
AC -line powered switching power supply with active PFC
FSP450-60GHS FSP-FSP450-60GHS Datasheet
127Kb / 1P
AC -line powered switching power supply with active PFC
FSP250-50SNT FSP-FSP250-50SNT Datasheet
96Kb / 1P
TFX form fator AC -line powered switching power supply without PFC circuit
FSP300-60GHT FSP-FSP300-60GHT Datasheet
128Kb / 1P
AC -line powered switching power supply
FSP300-70MU FSP-FSP300-70MU Datasheet
142Kb / 1P
AC -line powered switching power supply
FSP350-60HCN FSP-FSP350-60HCN_15 Datasheet
122Kb / 1P
AC -line powered switching power supply
FSP350-60HHN85 FSP-FSP350-60HHN85_15 Datasheet
101Kb / 1P
AC -line powered switching power supply
FSP400-60HHN85 FSP-FSP400-60HHN85_15 Datasheet
101Kb / 1P
AC -line powered switching power supply
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com