전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SVC710-TL-E 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 SVC710-TL-E
상세설명  Single Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC710-TL-E 데이터시트(HTML) 2 Page - ON Semiconductor

  SVC710-TL-E Datasheet HTML 1Page - ON Semiconductor SVC710-TL-E Datasheet HTML 2Page - ON Semiconductor SVC710-TL-E Datasheet HTML 3Page - ON Semiconductor SVC710-TL-E Datasheet HTML 4Page - ON Semiconductor SVC710-TL-E Datasheet HTML 5Page - ON Semiconductor SVC710-TL-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SVC710
No. A0605-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=10μA15
V
Reverse Current
IR
VR=15V
20
nA
Interterminal Capacitance*
C1.0V
VR=1.0V, f=1MHz
18.5
21.5
pF
C4.0V
VR=4.0V, f=1MHz
3.5
4.8
pF
Series Resistance
rs
VR=1.0V, f=100MHz
1.6
Ω
Capacitance Ratio
CR
C1.0V / C4.0V
4.8
Ordering Information
Device
Package
Shipping
memo
SVC710-TL-E
MCPH3
3,000pcs./reel
Pb Free
Reverse Voltage, VR -- V
Q, C -- VR
1.0
2
3
5
7
10
2
3
5
7
100
10
2
3
5
7
100
2
3
5
7
1000
1
02
3
4
56
IT11916
VRF=20mVrms
Quality
Factor
, Q (f=100MHz)
Interterminal
Capacitance,
C (f=1MHz)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com