| 전자부품 데이터시트 검색엔진 |
|
54151 데이터시트(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54151 데이터시트(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 10 page ![]() Logic Diagrams 151A TLF6546 – 4 See Address Buffers Below Address Buffers for 54151A74151A TLF6546 – 5 Function Tables 5415074150 Inputs Outputs Select Strobe W DC BA S XXXX H H LLLL L E0 LLL H L E1 LL H L L E2 LL H H L E3 LHL L L E4 LHLH L E5 LH HL L E6 LH H H L E7 HL L L L E8 HL LH L E9 HLHL L E10 HLH H L E11 H H L L L E12 H H L H L E13 HHH L L E14 HHHH L E15 H e High Level L e Low Level X e Don’t Care E0 E1 E15 e the complement of the level of the respective E input 54151A75151A Inputs Outputs Select Strobe YW CBA S XXX H L H LLL L D0 D0 L L H L D1 D1 LHL L D2 D2 L H H L D3 D3 H L L L D4 D4 HLH L D5 D5 H H L L D6 D6 HHH L D7 D7 H e High Level L e Low Level X e Don’t Care D0 D1 D7 e the level of the respective D input 6 |