전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPS-43-48H-CP-RDF 데이터시트(PDF) 13 Page - Source Photonics, Inc.

부품명 SPS-43-48H-CP-RDF
상세설명  Small Form Factor Pluggable, Simple SC Connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-CP-RDF 데이터시트(HTML) 13 Page - Source Photonics, Inc.

Back Button SPS-43-48H-CP-RDF Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 9Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 10Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 11Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 12Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 13Page - Source Photonics, Inc. SPS-43-48H-CP-RDF Datasheet HTML 14Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SPS-43-48H-CP-RDF
DS-5980 Rev 01 2013-08-23
Table 11 - Device Handling/ESD Protection
The devices are static sensitive and may easily be damaged if care is not taken during handling. The following handling practices are
recommended.
1
Devices should be handled on benches with conductive and grounding surfaces.
2
All personnel, test equipment and tools shall be grounded.
3
Do not handle the devices by their leads.
4
Store devices in protective foam or carriers.
5
Avoid the use of non-conductive plastics, rubber, or silk in the area where the devices are handled
6
All modules shall be packaged in materials that are anti-static to protect against adverse electrical environments.
7
Avoid applications of any voltage higher than maximum rated voltages to this part. For proper operation, any VIN or VOUT should be
constrained to the range GND
≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage (e.g.
either GND or VCC). Unused outputs must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14