| 전자부품 데이터시트 검색엔진 |
|
DM5486J 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM5486J 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6531 June 1989 5486DM5486DM7486 Quad 2-Input Exclusive-OR Gates General Description This device contains four independent gates each of which performs the logic exclusive-OR function Features Y Alternate MilitaryAerospace device (5486) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6531 – 1 Order Number 5486DMQB 5486FMQB DM5486J DM5486W or DM7486N See NS Package Number J14A N14A or W14B Function Table Y e A Z B Inputs Output AB Y LL L LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
유사한 부품 번호 - DM5486J |
|
유사한 설명 - DM5486J |