전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUC101830CSS20x 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 HUC101830CSS20x
상세설명  Ultrastar짰 C10K1800
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

HUC101830CSS20x 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  HUC101830CSS20x Datasheet HTML 1Page - List of Unclassifed Manufacturers HUC101830CSS20x Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Ultrastar® C10K1800
DATA SHEET
2.5-INCH SFF ENTERPRISE 10K RPM HARD DISK DRIVES
How to read the Ultrastar model number
HUC101818CSS200 = 1.8TB, SAS 12Gb/s
H = HGST
U = Ultrastar
C = Compact (vs S for Standard)
10 = 10K RPM class
18 = Full capacity — 1800GB (1.8TB)
18 = Capacity this model, 18 = 1800GB (1.8TB),
12 = 1200GB (1.2TB), 90 = 900GB, 60 = 600GB,
45 = 450GB, 30 = 300GB
C = Generation code
S = 14.8mm z-height
S2 = Interface, SAS 12Gb/s with 512n sectors,
42=12Gb/s SAS with 4Kn or 512e sectors
0 = Reserved
0 = Data Security Mode
0 = Instant Secure Erase
1 = TCG SED encryption
4 = No encryption, Secure Erase (overwrite)
5 = TCG SED with FIPS)
Specifications
Models
HUC101812CSS20x
HUC101890CSS20x
HUC101860CSS20x
HUC101830CSS20x
HUC101818CS420x
HUC101812CS420x
HUC101890CS420x
HUC101860CS420x
HUC101845CS420x
Configuration
Interface
SAS 12Gb/s
f
Capacity (GB)1
1.2TB / 900 / 600 / 300 1.8TB / 1.2TB / 900 / 600 / 450
Sector size (variable, bytes/sector)
512-Byte (512n)
4096-Byte (512e, 4Kn)
Recording zones
40
f
Data heads (physical)
6 / 5 / 3 / 2
8 / 6 / 4 / 3 / 2
Data disks
3 / 3 / 2 / 1
4 / 3 / 2 / 2 / 1
Max. areal density (Gbits/sq. in.)
580
620
Performance
Data buffer (MB)3
128
f
Rotational speed (RPM)
10,520
f
Latency average (ms)
2.85
f
Interface transfer rate (MB/s, max)4
1200
f
Sustained transfer rate (MB/s, typical)4
129 to 224
146 to 247
Seek time (read/write, ms, typical range)5 3.3-3.5 / 3.8-4.2
3.3-3.7 / 3.8-4.4
Reliability
Error rate (non-recoverable, bits read)
1 in 1016
f
MTBF2 (M hours)
2.0
f
Annualized Failure Rate2 (AFR)
0.44%
f
Availability (hrs/day x days/wk)
24x7
f
Acoustics
Idle (Bels)
3.4
f
Power
Requirement
+5 VDC (+/-5%),
+12 VDC (+/-5%)
f
Operating, (W, typical)6
6.6 / 6.5 / 5.9 / 5.7
7.4 / 6.7 / 6.2 / 6.2 / 5.9
Idle (W)7
4.7 / 4.7 / 4.3 / 3.9
5.1 / 4.8 / 4.3 / 4.3 / 3.9
Idle efficiency (W/GB)
0.0042 (1.2TB)
0.003 (1.8TB)
Physical size
z-height (mm)
15
f
Dimensions (width x depth, mm)
70.1 x 100.45
f
Weight (g, max)
227
f
Environmental (operating)
Ambient temperature
5o to 55o C
f
Shock (half-sine wave 2ms, read operation) 60G
f
Vibration, random, no errors
(G RMS 5 to 500 Hz)
0.4, all axes
f
Environmental (non-operating)
Ambient temperature
-40o to 70o C
f
Shock (half-sine wave, 2ms, read operation) 300G
f
Vibration, random (G RMS, 5 to 500 Hz)
1.5, all axes
f
Features & Benefits (continued)
Feature / Function
Benefits
Reliability
• IDRC technology
• RRO fields
• End-to-end data protection (ANSI)
• Improves signal processing for more robust data integrity
• Improves handling of repeatable run out to lower risk of data squeeze and write inhibit rate
• Enhances error detection for optimal data integrity
Security
Optional SED models
Encrypts data, providing security and easy redeployment
1 One MB is equal to on million bytes, one GB is equal
to one billion bytes and one TB equals 1,000GB (one
trillion bytes) when referring to hard drive capacity.
Accessible capacity will vary from the stated capacity
due to formatting and partitioning of the hard drive, the
computer’s operating system, and other factors.
2 MTBF and AFR targets are based on a sample
population and are estimated by statistical
measurements and acceleration algorithms under
median operating conditions. MTBF and AFR ratings
do not predict an individual drive’s reliability and do not
constitute a warranty.
3 Portion of buffer capacity used for drive firmware
4 1MB/s is equal to 1,000,000 Bytes/s; Sustained Transfer
rate is shown from Outer to Inner Diameter
5 Excludes command overhead
6 Operating power calculated based on a Random RW
4KB workload at Queue Depth of 1
7 Idle specification is based on use of Idle_A
DS018-EN-US-0815-02
© 2014-2015 HGST, Inc. 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the
United States 6/14, revised 12/14, 8/15. All rights reserved.
Ultrastar is a trademark of HGST, Inc. and its affiliates in the United States and/or other countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com