| 전자부품 데이터시트 검색엔진 |
|
Z86C21 데이터시트(PDF) 26 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C21 데이터시트(HTML) 26 Page - Zilog, Inc. |
|
26 / 35 page ![]() \26 Z86C21 MCU WITH 8K ROM Z8 CONTROL REGISTER DIAGRAMS (Continued) D7 D6 D5 D4 D3 D2 D1 D0 1 Enables RAM Protect 1 Enables IRQ5-IRQ0 (D0 = IRQ0) 1 Enables Interrupts R251 IMR D7 D6 D5 D4 D3 D2 D1 D0 R252 FLAGS User Flag F1 User Flag F2 Half Carry Flag Decimal Adjust Flag Overflow Flag Sign Flag Zero Flag Carry Flag D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Upper Byte (SP15 - SP8) R254 SPH D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Lower Byte (SP7 - SP0) R255 SPL D7 D6 D5 D4 D3 D2 D1 D0 R253 RP 0 Reserved (Must be 0) Register Pointer r4 r5 r6 r7 Figure 33. Interrupt Request Register (FA H: Read/Write) Figure 36. Register Pointer Register (FD H: Read/Write) Figure 35. Flag Register (FC H: Read/Write) Figure 38. Stack Pointer Register (FF H: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 R250 IRQ Reserved (Must be 0) IRQ0 = P32 Input (D0 = IRQ0) IRQ1 = P33 Input IRQ2 = P31 Input IRQ3 = P30 Input, Serial Input IRQ4 = T0 Serial Output IRQ5 = T1 Figure 37. Stack Pointer Register (FE H: Read/Write) Figure 34. Interrupt Mask Register (FB H: Read/Write) |