전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z87L01 데이터시트(PDF) 39 Page - Zilog, Inc.

부품명 Z87L01
상세설명  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 데이터시트(HTML) 39 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
39
1
Table 17. Bank 3 Register Description
GPIO0DATA
Field
Bank 3
Bit Position
EXT5
R/W
Data
Description
DATA0
fedcba9876543210
R
W
XXXXh
XXXXh
Access to Port 0 data
Reads pin values
Writes output pin values
Notes:
DATA0. The read value returns the actual pin values and does not depend on the pin directions
(i.e. for output pins, the output value is returned unless a contention occurs).
Table 18. Bank 3 Register Description
GPIO1DIR
Field
Bank 3
Bit Position
EXT6
R/W
Data
Description
DIRECTION1
fedcba9876543210
R/W
..0.
..1.
Independent control of Port 1 pin direction
Pin in input mode
Pin in output mode
Table 19. Bank 3 Register Description
GPIO1DATA
Field
Bank 3
Bit Position
EXT7
R/W
Data
Description
DATA1
fedcba9876543210
R
W
XXXXh
XXXXh
Access to Port 1 data
Reads pin values
Writes output pin values
Notes:
DATA1. The read value returns the actual pin values and does not depend on the pin directions
(i.e. for output pins, the output value is returned unless a contention occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51