전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C32 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 80C32
상세설명  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32 데이터시트(HTML) 3 Page - NXP Semiconductors

  80C32 Datasheet HTML 1Page - NXP Semiconductors 80C32 Datasheet HTML 2Page - NXP Semiconductors 80C32 Datasheet HTML 3Page - NXP Semiconductors 80C32 Datasheet HTML 4Page - NXP Semiconductors 80C32 Datasheet HTML 5Page - NXP Semiconductors 80C32 Datasheet HTML 6Page - NXP Semiconductors 80C32 Datasheet HTML 7Page - NXP Semiconductors 80C32 Datasheet HTML 8Page - NXP Semiconductors 80C32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3
ORDERING INFORMATION
ROMless
EPROM1
TEMPERATURE RANGE
°C
AND PACKAGE
FREQ
MHz
DRAWING
NUMBER
P80C32EBP N
P87C52EBP N
OTP
0 to +70, Plastic Dual In-line Package
16
SOT129-1
P80C32EBA A
P87C52EBA A
OTP
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P87C52EBF FA
UV
0 to +70, Ceramic Dual In-line Package
16
0590B
P87C52EBL KA
UV
0 to +70, Ceramic Leaded Chip Carrier
16
1472A
P80C32EBB B
P87C52EBB B
OTP
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
P80C32EFP N
P87C52EFP N
OTP
–40 to +85, Plastic Dual In-line Package
16
SOT129-1
P80C32EFA A
P87C52EFA A
OTP
–40 to +85, Plastic Leaded Chip Carrier
16
SOT187-2
P87C52EFF FA
UV
–40 to +85, Ceramic Dual In-line Package
16
0590B
P80C32EFB B
P87C52EFB B
OTP
–40 to +85, Plastic Quad Flat Pack
16
SOT307-2
P80C32IBP N
P87C52IBP N
OTP
0 to +70, Plastic Dual In-line Package
24
SOT129-1
P80C32IBA A
P87C52IBA A
OTP
0 to +70, Plastic Leaded Chip Carrier
24
SOT187-2
P80C32IBB B
0 to +70, Plastic Quad Flat Pack
24
SOT307-2
P87C52IBF FA
UV
0 to +70, Ceramic Dual In-line Package
24
0590B
P87C52IBL KA
UV
0 to +70, Ceramic Leaded Chip Carrier
24
1472A
P80C32IFP N
P87C52IFP N
OTP
–40 to +85, Plastic Dual In-line Package
24
SOT129-1
P80C32IFA A
P87C52IFA A
OTP
–40 to +85, Plastic Leaded Chip Carrier
24
SOT187-2
P80C32IFB B
–40 to +85, Plastic Quad Flat Pack
24
SOT307-2
P87C52IFF FA
UV
–40 to +85, Ceramic Dual In-line Package
24
0590B
P80C32NBA A
0 to +70, Plastic Leaded Chip Carrier
33
SOT187-2
P80C32NBP N
0 to +70, Plastic Dual In-line Package
33
SOT129-1
P80C32NBB B
0 to +70, Plastic Quad Flat Pack
33
SOT307-2
P80C32NFA A
–40 to +85, Plastic Leaded Chip Carrier
33
SOT187-2
P80C32NFP N
–40 to +85, Plastic Dual In-line Package
33
SOT129-1
P80C32NFB B
–40 to +85, Plastic Quad Flat Pack
33
SOT307-2
NOTE:
1. OTP = One Time Programmable EPROM. UV = UV erasable EPROM
2. For 33MHz ROM 80C52 operation, see 80C52/80C54/80C58 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62