전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP324N 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 LP324N
상세설명  Micropower Quad Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP324N 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LP324N Datasheet HTML 9Page - Texas Instruments LP324N Datasheet HTML 10Page - Texas Instruments LP324N Datasheet HTML 11Page - Texas Instruments LP324N Datasheet HTML 12Page - Texas Instruments LP324N Datasheet HTML 13Page - Texas Instruments LP324N Datasheet HTML 14Page - Texas Instruments LP324N Datasheet HTML 15Page - Texas Instruments LP324N Datasheet HTML 16Page - Texas Instruments LP324N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2902MX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LP324MTX/NOPB
TSSOP
PW
14
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LP324MX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18