| 전자부품 데이터시트 검색엔진 |
|
TL082ACDG4 데이터시트(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL082ACDG4 데이터시트(HTML) 15 Page - Texas Instruments |
|
15 / 50 page ![]() Vsup+ + VOUT RF VIN RI Vsup- TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B www.ti.com SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 9 Applications and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The TL08x series of operational amplifiers can be used in countless applications. The few applications in this section show principles used in all applications of these parts. 9.2 Typical Applications 9.2.1 Inverting Amplifier Application A typical application for an operational amplifier in an inverting amplifier. This amplifier takes a positive voltage on the input, and makes it a negative voltage of the same magnitude. In the same manner, it also makes negative voltages positive. Figure 23. Schematic for Inverting Amplifier Application 9.2.1.1 Design Requirements The supply voltage must be chosen such that it is larger than the input voltage range and output range. For instance, this application will scale a signal of ±0.5 V to ±1.8 V. Setting the supply at ±12 V is sufficient to accommodate this application. 9.2.1.2 Detailed Design Procedure Determine the gain required by the inverting amplifier: (1) (2) Once the desired gain is determined, choose a value for RI or RF. Choosing a value in the k Ω range is desirable because the amplifier circuit will use currents in the milliamp range. This ensures the part will not draw too much current. This example will choose 10 k Ω for RI which means 36 kΩ will be used for RF. This was determined by Equation 3. (3) Copyright © 1977–2015, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |