전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 43 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISR??High-Performance CPLDs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 43 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 43 of 62
Ordering Information
5.0V Ordering Information
Macro-
cells
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
32
200
CY37032P44-200AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37032P44-200JC
J67
44-Lead Plastic Leaded Chip Carrier
154
CY37032P44-154AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37032P44-154JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37032P44-154AI
A44
44-Lead Thin Quad Flat Pack
Industrial
CY37032P44-154JI
J67
44-Lead Plastic Leaded Chip Carrier
125
CY37032P44-125AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37032P44-125JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37032P44-125AI
A44
44-Lead Thin Quad Flat Pack
Industrial
CY37032P44-125JI
J67
44-Lead Plastic Leaded Chip Carrier
64
200
CY37064P44-200AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37064P44-200JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37064P84-200JC
J83
84-Lead Plastic Leaded Chip Carrier
CY37064P100-200AC
A100
100-Lead Thin Quad Flat Pack
C Y 3 7 5 1 2 V P 4 0 0 - 8 3 B B C
Cypress Semiconductor ID
Family Type
37 = Ultra37000 Family
Macrocell Density
32 = 32 Macrocells
256 = 256 Macrocells
64 = 64 Macrocells
384 = 384 Macrocells
128 = 128 Macrocells
512 = 512 Macrocells
192 = 192 Macrocells
Speed
125 = 125 MHz
200 = 200 MHz
100 = 100 MHz
167 = 167 MHz
83 = 83 MHz
154 = 154 MHz
66 = 66 MHz
143 = 143 MHz
Package Type
A = Thin Quad Flat Pack (TQFP)
U = Ceramic Quad Flat Pack (CQFP)
N = Plastic Quad Flat Pack (PQFP)
NT = Thermally Enhanced Plastic Quad Flat Pack
(EQFP)
J = Plastic Leaded Chip Carrier (PLCC)
Y = Ceramic Leaded Chip Carrier (CLCC)
BG = Ball Grid Array (BGA)
BA = Fine-Pitch Ball Grid Array (FBGA)
0.8mm Lead Pitch
BB = Fine-Pitch Ball Grid Array (FBGA)
1.0mm Lead Pitch
Operating Conditions
Commercial
0°C to +70°C
Industrial
-40°C to +85°C
Military
-55°C to +125°C
Operating Reference Voltage
V = 3.3V Supply Voltage
(5.0V if not specified)
Pin Count
P44 = 44 Leads
P48 = 48 Leads
P84 = 84 Leads
P100 = 100 Leads
P160 = 160 Leads
P208 = 208 Leads
P256 = 256 Leads
P352 = 352 Leads
P400 = 400 Leads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com