| 전자부품 데이터시트 검색엔진 |
|
H7CX-R11-N 데이터시트(PDF) 47 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11-N 데이터시트(HTML) 47 Page - Omron Electronics LLC |
|
47 / 56 page ![]() H7CX-R @-N 47 Operation in Run Mode Output Mode: HI or LO Output Mode: HI-LO or AREA H7CX-R11 @-N H7CX-R11W @-N Displayed for Models Other Than “-W” Models Displayed for “-W” Models Measurement value Measurement value Comparison value Bottom hold value Peak hold value Bottom hold value 1 Peak hold value 2 Bottom hold value 2 Peak hold value 1 Measurement value Measurement value Comparison value 1 Measurement value Comparison value 2 Measurement value 1 Measurement value 2 Comparison value 1 Comparison value 2 • Set each digit using the individual U Keys. • Measurement Value Displays the currently measured value. • Comparison Value, Comparison Value 1, and Comparison Value 2 Set the comparison value, comparison value 1, and comparison value 2. The measurement value is compared to comparison value, comparison value 1, and comparison value 2 and an output is made according to the selected output mode. *1 *1 Peak/bottom hold enabled • Peak/bottom hold value The peak (maximum) and bottom (minimum) values are displayed after counting starts. • Peak/bottom hold value 2 Peaks (maximums) 1 and 2 and bottoms (minimums) 1 and 2 are displayed after counting starts. *1 Note: The held values will be initialized when the Hold Key or reset 1 input is turned OFF while peak/bottom hold values 1 and 2 are being displayed.(The reset 2 input operates in the same way if the input mode is set to 2-input mode.) |