| 전자부품 데이터시트 검색엔진 |
|
ULN2804A 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ULN2804A 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() ULN2801A, ULN2802A, ULN2803A, ULN2804A Maximum ratings Doc ID 1536 Rev 3 5/14 3 Maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VO Output voltage 50 V VI Input voltage (for ULN2802A - ULN2803A - ULN2804A) 30 V IC Continuous collector current 500 mA IB Continuous base current 25 mA PTOT Power Dissipation (one Darlington pair) 1 W Power Dissipation (total package) 2.25 TA Operating ambient temperature range - 20 to 85 °C TSTG Storage temperature range - 55 to 150 °C TJ Junction temperature -20 to 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient 55 °C/W |