| 전자부품 데이터시트 검색엔진 |
|
DMHC4035LSD-13 데이터시트(PDF) 7 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMHC4035LSD-13 데이터시트(HTML) 7 Page - Diodes Incorporated |
|
7 / 9 page ![]() DMHC4035LSD Document number: DS36287 Rev. 1 - 2 7 of 9 www.diodes.com January 2014 © Diodes Incorporated DMHC4035LSD -50 -25 0 25 50 75 100 125 150 T , JUNCTION TEMPERATURE ( C) J ° Figure 19 On-Resistance Variation with Temperature 0 0.03 0.06 0.09 0.12 0.15 V= -10V I= A GS D -10 V= 5V I= A GS D - -5 -50 -25 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) Figure 20 Gate Threshold Variation vs. Ambient Temperature A 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -I = 1mA D -I = 250µA D -V , SOURCE-DRAIN VOLTAGE (V) Figure 21 Diode Forward Voltage vs. Current SD 0 3 6 9 12 15 0 0.3 0.6 0.9 1.2 1.5 T= 125 C A ° T= 150 C A ° T= 85 C A ° T= 25 C A ° T= -55 C A ° -V , DRAIN-SOURCE VOLTAGE (V) Figure 22 Typical Junction Capacitance DS 10 100 1000 0 5 10 15 20 25 30 35 40 Coss Crss Ciss Q , TOTAL GATE CHARGE (nC) Figure 23 Gate-Charge Characteristics g 0 2 4 6 8 10 02 4 6 8 10 12 V = -20V I = -4.2A DS D 0.1 1 10 100 -V , DRAIN-SOURCE VOLTAGE (V) Figure 24 SOA, Safe Operation Area DS 0.01 0.1 1 10 100 T = 150°C T = 25°C J(max) A V = -4.5V Single Pulse GS DUT on 1 * MRP Board DC P = 10s W P = 1s W P = 100ms W P = 10ms W P = 1ms W P = 100µs W |