전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NFCLL036B-V1M7 데이터시트(PDF) 4 Page - NICHIA CORPORATION

부품명 NFCLL036B-V1M7
상세설명  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHIA [NICHIA CORPORATION]
홈페이지  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-V1M7 데이터시트(HTML) 4 Page - NICHIA CORPORATION

  NFCLL036B-V1M7 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-V1M7 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NICHIA STS-DA1-3997 <Cat.No.150929>
3
CHROMATICITY DIAGRAM
3000K
3500K
4000K
0.25
0.30
0.35
0.40
0.45
0.50
0.30
0.35
0.40
0.45
0.50
0.55
x
sm303j
sm403j
sm323j
sm353j
黒体放射軌跡
Blackbody Locus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com