전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D18V0L1B2LP 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 D18V0L1B2LP
상세설명  18V BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D18V0L1B2LP 데이터시트(HTML) 2 Page - Diodes Incorporated

  D18V0L1B2LP Datasheet HTML 1Page - Diodes Incorporated D18V0L1B2LP Datasheet HTML 2Page - Diodes Incorporated D18V0L1B2LP Datasheet HTML 3Page - Diodes Incorporated D18V0L1B2LP Datasheet HTML 4Page - Diodes Incorporated D18V0L1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D18V0L1B2LP
Document number: DS36461 Rev. 1 - 2
2 of 5
www.diodes.com
March 2014
© Diodes Incorporated
D18V0L1B2LP
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
18
V
—
Channel Leakage Current (Note 6)
IRM
—
—
100
nA
VRWM = 18V
Clamping Voltage, Positive Transients
VCL
—
27
30
V
IPP = 1A, tp = 8/20μS
—
30
34
V
IPP = 2A, tp = 8/20μS
Breakdown Voltage
VBR
21
—
25
V
IR = 1mA
Differential Resistance
RDIF
—
2.2
—
Ω
IR = 1A, tp = 8/20μS
Channel Input Capacitance
CT
—
7.0
12
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100 125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com