전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1345A 데이터시트(PDF) 22 Page - ams AG

부품명 AS1345A
상세설명  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1345A 데이터시트(HTML) 22 Page - ams AG

Back Button AS1345A Datasheet HTML 18Page - ams AG AS1345A Datasheet HTML 19Page - ams AG AS1345A Datasheet HTML 20Page - ams AG AS1345A Datasheet HTML 21Page - ams AG AS1345A Datasheet HTML 22Page - ams AG AS1345A Datasheet HTML 23Page - ams AG AS1345A Datasheet HTML 24Page - ams AG AS1345A Datasheet HTML 25Page - ams AG AS1345A Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AS1345 – 22
ams Datasheet, Confidential: 2013-Nov [1-51]
De tail ed De sc rip t ion
PCB Layout
Carefully printed circuit layout is important for minimizing
ground bounce and noise. Keep the GND pin and ground pads
for the input and output capacitors as close together as
possible. Keep the connection to LX as short as possible. Locate
the feedback resistors as close as possible to the FB pin and
keep the feedback traces routed away from noisy areas such as
LX.
EMI and overall performance quality are affected by the PCB
layout. The high speed operation of the AS1345 demands
careful attention to board layout. Stated performance will be
difficult to achieve with careless layout. Figure 25 identifies the
high current paths during an operation cycle involving the
switching of the N-channel and P-channel internal switches.
The current paths between SWIN, VIN, C1, C2, C4, L1, D1 and
GND should be short and wide for lowest intrinsic resistive loss
and lowest stray inductance.
A large ground pin copper area will help to lower the chip
temperature. A multilayer board with a separate ground plane
is ideal, but not absolutely necessary.
Figure 25:
AS1345 - Inductor Current Paths
AS1345
D1
R2
PDRV
NDRV
FB
ILIM
L1
C2
C1
C3
0V
R3
RLOAD
SWIN
VDD
SWOUT
LX
FB
GND
VBAT
VOUT
0V
Inductor Current Path NMOS-OFF, D1-ON
Load Current Path NMOS-OFF, D1-OFF
Inductor Current Path NMOS-ON, D1-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com