전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3693B 데이터시트(PDF) 12 Page - ams AG

부품명 AS3693B
상세설명  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3693B 데이터시트(HTML) 12 Page - ams AG

Back Button AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG AS3693B Datasheet HTML 10Page - ams AG AS3693B Datasheet HTML 11Page - ams AG AS3693B Datasheet HTML 12Page - ams AG AS3693B Datasheet HTML 13Page - ams AG AS3693B Datasheet HTML 14Page - ams AG AS3693B Datasheet HTML 15Page - ams AG AS3693B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
11 - 32
7.1.1
Feedback Selection
In the AS3693B, each led – string feedback can be assigned to the specific led-supply, to minimize the power
consumption in the system. It can be chosen in between FBR, FBG and FBB.
FB R
FB G
FB B
NOFB
VC
SHORTLED
REF
OPENLED
VSL
VOL
1
2
3...16
R5
AS3693B
ANALOG REGULATION
CIRCUIT
16 REGULATORS
Feedback resistor divider
(part of DCDC converter circuit)
Voltage Feedback
input for DCDC
From main
supply
R1
R2
R3
C1
Vfb
Voltage Feedback
input for DCDC
DCDC Converter
for VDD
(Internal or externa)l
Table 7 – Feedback Selection
Addr: 05h,06h,07h,08h
Feedback Select 1-4
This register controls the Feedback of the Automatic feedback loop
Bit
Bit Name
Default
Access
Description
1:0
FB1_Select
FB5_Select
FB9_Select
FB13_Select
00
R/W
Selects the feedback of the voltage regulators
00= regulator on FBR
01= regulator on FBG
10= regulator on FBB
11= regulator not connected to FB
3:2
FB2_Select
FB6_Select
FB10_Select
FB14_Select
01
R/W
Selects the feedback of the voltage regulators
00= regulator on FBR
01= regulator on FBG
10= regulator on FBB
11= regulator not connected to FB
5:4
FB3_Select
FB7_Select
FB11_Select
FB15_Select
01
R/W
Selects the feedback of the voltage regulators
00= regulator on FBR
01= regulator on FBG
10= regulator on FBB
11= regulator not connected to FB
7:6
FB4_Select
FB8_Select
FB12_Select
FB16_Select
10
R/W
Selects the feedback of the voltage regulators
00= regulator on FBR
01= regulator on FBG
10= regulator on FBB
11= regulator not connected to FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33