전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3834 데이터시트(PDF) 14 Page - ams AG

부품명 AS3834
상세설명  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3834 데이터시트(HTML) 14 Page - ams AG

Back Button AS3834 Datasheet HTML 10Page - ams AG AS3834 Datasheet HTML 11Page - ams AG AS3834 Datasheet HTML 12Page - ams AG AS3834 Datasheet HTML 13Page - ams AG AS3834 Datasheet HTML 14Page - ams AG AS3834 Datasheet HTML 15Page - ams AG AS3834 Datasheet HTML 16Page - ams AG AS3834 Datasheet HTML 17Page - ams AG AS3834 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Revision 1.6
13 - 20
AS3834
Datasheet - D e t a i l e d D e s c r i p t i o n
8.3.4
Open LED detection
Figure 13. Open Led detection
A broken LED-string is detected during PWM=1. If a LED-string is broken the power supply feedback will increment the IDAC to increase the
power supply output voltage. After the IDAC has reached its maximum value, a debounce counter is started. In order to run the debounce
counter, the corresponding PWM-signal has to be high for more than 150us. After the debounce counter has counted up for 32ms, the fault
output is activated (xFAULT = 0) and the corresponding output is disconnected from the power supply feedback loop.
8.4 Boost controller
Figure 14. Boost controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21