전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5403A 데이터시트(PDF) 2 Page - ams AG

부품명 AS5403A
상세설명  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5403A 데이터시트(HTML) 2 Page - ams AG

  AS5403A Datasheet HTML 1Page - ams AG AS5403A Datasheet HTML 2Page - ams AG AS5403A Datasheet HTML 3Page - ams AG AS5403A Datasheet HTML 4Page - ams AG AS5403A Datasheet HTML 5Page - ams AG AS5403A Datasheet HTML 6Page - ams AG AS5403A Datasheet HTML 7Page - ams AG AS5403A Datasheet HTML 8Page - ams AG AS5403A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − General Description
Key Benefits & Features
The benefits and features of AS5403A/D/E, 3D Hall Position
Sensor for Linear and Off-Axis Applications are listed below:
Figure 1:
Added Value of Using AS5403A/D/E
Applications
Linear position:
• Clutch/brake pedal
• Gearbox sensor
Off-Axis:
• Steering angle sensor
• Gearbox shift link
Benefits
Features
High flexibility in magnet selection
High magnetic input range
Suppression against magnetic stray fields
Dual 3D pixel principle
Suitable for high temperature applications
Temperature range from -40 to 150°C (ambient)
Flexibility in choice of interface
Analog or PWM output, SPI as alternative
Best in class performance parameters
Offset and sensitivity accuracy over temperature
Flexible mechanical arrangement of magnet
Flexible configuration registers
External calculations of raw data
3D raw data assessment possible
High linearity after teaching
33 linearization points
Supporting safety critical applications
Integrated diagnostic functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66