전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 27 Page - ams AG

부품명 AS5601
상세설명  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 27 Page - ams AG

Back Button AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
ams Datasheet
Page 27
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Register Description
Figure 26:
Pushbutton Detection Function
The AS5601 continuously measures the magnetic field
intensity. The programmable threshold (PUSHTHR) is applied to
a long time average of the magnetic field. A crossing of the
current magnetic field and the threshold within a specified time
(tpu_slope) drives the PUSH output high.
Slow changes of the magnetic field, due for example to
temperature variations, magnet drift mechanical tolerances,
etc. do not generate any pushbutton detection events. The
push detection threshold follows the drifts over the time as
shown in Figure 27.
PUSHTHR
tpu_slope
tpu_dur
tpu_slope
tpu_relax
time
Measured magnetic
field
Present measured
magnetic field
(button released)
Present measured
magnetic field
(button pressed)
PUSH
time
Push detection treshold
(long time averaged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43