전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLS-440P 데이터시트(PDF) 15 Page - ams AG

부품명 HLS-440P
상세설명  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P 데이터시트(HTML) 15 Page - ams AG

Back Button HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG HLS-440P Datasheet HTML 13Page - ams AG HLS-440P Datasheet HTML 14Page - ams AG HLS-440P Datasheet HTML 15Page - ams AG HLS-440P Datasheet HTML 16Page - ams AG HLS-440P Datasheet HTML 17Page - ams AG HLS-440P Datasheet HTML 18Page - ams AG HLS-440P Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ams Datasheet
Page 15
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Handling Instructions
Due to the fact that the sensor element consists of a silicon chip
facing the surrounding the following precautions have to be
taken into account:
During storage and handling avoid:
• Humidity (condensing conditions)
• Dropping (sensor must be replaced if dropped)
• Dust (especially if cap is removed)
• Mechanical impact (especially the entrance membrane)
• Electromagnetic radiation (RF fields, high magnetic fields)
In case of storage and transport it is recommended to keep the
sensor within its original packaging (plastic cap and ESD
protected bubble bag). The disassembly of any parts is not
allowed, except for the removal of the plastic cap directly before
final assembly.
Handling Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23