| 전자부품 데이터시트 검색엔진 |
|
AS3955-ASWF-S2 데이터시트(PDF) 66 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955-ASWF-S2 데이터시트(HTML) 66 Page - ams AG |
|
66 / 111 page ![]() Page 66 ams Datasheet Document Feedback [v1-01] 2015-Apr-29 AS3955 − Detailed Description Writing Data to Addressable Registers (Register Write Mode) Following figures show cases of writing a single byte and writing multiple bytes with auto-incrementing address. After the I²C slave address, the initial register address follows. Then one or more data bytes are transferred from the I²C, MSB first. The data byte is written in register on falling edge of its last clock. Figure 71: Writing a Single Register over I²C Figure 72: Writing Register Data with Auto-incrementing Address over I²C 0 0 0 0 A 6 A 5 A 4 A 3 A 2 A 1 A 0 R 4 R 3 R 2 R 1 A C K P S Slave address D 7 D 6 D 5 D 4 D 3 D 2 R 1 A C K D 1 D 0 Data Mode Byte SCL SDA A C K 0 0 0 A 6 A 5 A 4 A 3 A 2 A 1 A 0 0 R 4 R 3 R 2 R 1 A C K P S Data is moved to Address <R4-R0> + n Slave address D 7 D 6 D 5 D 4 D 3 D 2 R 1 A C K D 1 D 0 D 3 D 2 D 1 D 0 A C K D 5 D 4 D 7 D 6 Data is moved to Address <R4-R0> + 0 Mode Byte SCL SDA A C K |