| 전자부품 데이터시트 검색엔진 |
|
TMG4903 데이터시트(PDF) 45 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMG4903 데이터시트(HTML) 45 Page - ams AG |
|
45 / 104 page ![]() ams Datasheet Page 45 [v1-02] 2015-May-14 Document Feedback TMG4903 − Register Description IRBeam Packet Looping Register (IPNL 0xA4) Figure 50: IRBeam Packet Looping Register IRBeam Inter-Packet OFF Register (IPOFF 0xA5) Figure 51: IRBeam Inter-Packet OFF Register 76 5 4 3 2 10 IPNL Field Bits Description IPNL 7:0 IRBeam Packet Looping. Sets the number of times that a Packet is repeated. Each packet consists of repeated transmission of a Symbol. The following equation describes the number of Packet repetitions as a function of IPNL: nPacket Repetitions = IPNL + 1 76 5 4 3 2 10 IPOFF Field Bits Description IPOFF 7:0 Inter-Packet Delay Time. Defines the delay (LED OFF) between Packet repetitions, tIPDT, which can range from 10μs to 255.25μs. The minimum permitted register value is 8. The following equation describes the time delay as a function of IPOFF and IBT: tISDT = [(2 X IPOFF) + 1] X tIBT |