전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AL6562 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 AL6562
상세설명  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 데이터시트(HTML) 5 Page - Diodes Incorporated

  AL6562 Datasheet HTML 1Page - Diodes Incorporated AL6562 Datasheet HTML 2Page - Diodes Incorporated AL6562 Datasheet HTML 3Page - Diodes Incorporated AL6562 Datasheet HTML 4Page - Diodes Incorporated AL6562 Datasheet HTML 5Page - Diodes Incorporated AL6562 Datasheet HTML 6Page - Diodes Incorporated AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
5 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT OVER-VOLTAGE
IOVP
Dynamic OVP Triggering Current
35
40
45
µA
VOVP_TH
Static OVP Threshold
2.1
2.25
2.4
V
CURRENT SENSE COMPARATOR
ICS
Input Bias Current
VCS = 0
-1
µA
td(H-L)
Delay to Output
200
350
ns
VCS-clamp
Current Sense Clamp
VCOMP = upper clamp
1.6
1.7
1.8
V
VCS-offset
Current Sense Offset
VMULT = 0
30
mV
VMULT = 2.5V
5
GATE DRIVER
VOL
Output Low Dropout Voltage
IGDsink = 200 mA
0.9
1.9
V
VOH
Output High Dropout Voltage
IGDsource = 200 mA
IGDsource = 20 mA
2.5
2.0
3.0
2.8
V
V
tf
Voltage Fall Time
30
70
ns
tr
Voltage Rise Time
60
110
ns
VOclamp
Output Clamp Voltage
ISOURCE = 5 mA, VCC =20 V
9
11
13
V
Vos
UVLO Saturation
VCC =0 V to VCCon,
ISINK = 10 mA
1.1
V
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com