전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAM8408 데이터시트(PDF) 10 Page - Diodes Incorporated

부품명 PAM8408
상세설명  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408 데이터시트(HTML) 10 Page - Diodes Incorporated

Back Button PAM8408 Datasheet HTML 3Page - Diodes Incorporated PAM8408 Datasheet HTML 4Page - Diodes Incorporated PAM8408 Datasheet HTML 5Page - Diodes Incorporated PAM8408 Datasheet HTML 6Page - Diodes Incorporated PAM8408 Datasheet HTML 7Page - Diodes Incorporated PAM8408 Datasheet HTML 8Page - Diodes Incorporated PAM8408 Datasheet HTML 9Page - Diodes Incorporated PAM8408 Datasheet HTML 10Page - Diodes Incorporated PAM8408 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
10 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Marking Information
LOUTP
LOUTN
UP
VDD
ROUTP
VDD
ROUTN
GND
15
9
10
11
12
13
14
16
GND
RINN
GND
DOWN
LINN
SD
1
2
3
4
5
6
7
8
RINP
LINP
Package Outline Dimensions (All dimensions in mm.)
Package: SO-16L
D
e
B
C
θ
Symbol
Dimensions Millimeters
Min
Max
A
-
1.260
A1
0.100
0.230
A2
1.020
-
B
0.310
0.510
C
0.100
0.250
D
9.800
10.000
E
3.800
4.000
E1
5.800
6.200
e
1.270(TYP)
L
0.400
1.270
θ
0º
8º
PAM8408: Product Code
X: Internal Code
Y: Year
W: Week
LL: Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11