| 전자부품 데이터시트 검색엔진 |
|
EM3591-RTR 데이터시트(PDF) 42 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3591-RTR 데이터시트(HTML) 42 Page - Silicon Laboratories |
|
42 / 59 page ![]() EM359x 42 Rev 1.0 25 PA0 I/O Digital I/O USBDM (where applicable) I/O USB D- signal Select analog function with GPIO_PACFGL[3:0] TIM2C1 (see also Pin 35) O Timer 2 channel 1 output Disable remap with TIM2_OR[4] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[3:0] TIM2C1 (see also Pin 35) I Timer 2 channel 1 input Disable remap with TIM2_OR[4] SC2MOSI O SPI master data out of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[4] Enable master with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[3:0] SC2MOSI I SPI slave data in of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE Table 6.1. EM359x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |