전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT534F 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ACT534F
상세설명  Octal D Flip-Flop with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT534F 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  54ACT534F Datasheet HTML 1Page - National Semiconductor (TI) 54ACT534F Datasheet HTML 2Page - National Semiconductor (TI) 54ACT534F Datasheet HTML 3Page - National Semiconductor (TI) 54ACT534F Datasheet HTML 4Page - National Semiconductor (TI) 54ACT534F Datasheet HTML 5Page - National Semiconductor (TI) 54ACT534F Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Connection Diagrams
Functional Description
The ’ACT534 consists of eight edge-triggered flip-flops with
individual D-type inputs and TRI-STATE complementary out-
puts. The buffered clock and buffered Output Enable are
common to all flip-flops. The eight flip-flops will store the
state of their individual D inputs that meet the setup and hold
times requirements on the LOW-to-HIGH Clock (CP) transi-
tion. With the Output Enable (OE) LOW, the contents of the
eight flip-flops are available at the outputs. When the OE is
HIGH, the outputs go to the high impedance state. Operation
of the OE input does not affect the state of the flip-flops.
Logic Diagram
Function Table
Inputs
Output
CP
OE
D
O
N
LH
L
N
LL
H
LL
X
O
0
XH
X
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
N = LOW-to-HIGH Clock Transition
Z = High Impedance
O0 = Value stored from previous clock cycle
Pin Assignment
for DIP and Flatpak
DS100292-3
Pin Assignment
for LCC
DS100292-4
DS100292-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6