전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF5355 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADF5355
상세설명  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF5355 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices ADF5355 Datasheet HTML 12Page - Analog Devices ADF5355 Datasheet HTML 13Page - Analog Devices ADF5355 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADF5355
Data Sheet
Pin No.
Mnemonic
Description
23
VREF
Internal Compensation Node. DC biased at half the tuning range. Connect decoupling capacitors to the
ground plane as close to this pin as possible.
24
VBIAS
Reference Voltage. Connect a 100 nF decoupling capacitor to the ground plane as close to this pin as possible.
25, 32
CREG1, CREG2
Outputs from the LDO Regulator. Pin 25 and Pin 32 are the supply voltages to the digital circuits. Nominal
voltage of 1.8 V. Decoupling capacitors of 100 nF connected to AGND are required for these pins.
26
PDBRF
RFOUTA Power-Down. A logic low on this pin powers down the RFOUTA± outputs only. This power-down function
is also software controllable. Do not leave this pin floating.
27
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD. Place decoupling capacitors to the ground
plane as close to this pin as possible.
28
REFINB
Complementary Reference Input. If unused, ac couple this pin to AGND.
29
REFINA
Reference Input.
30
MUXOUT
Multiplexer Output. The multiplexer output allows the digital lock detect, the analog lock detect, scaled RF, or
the scaled reference frequency to be externally accessible.
31
SDGND
Digital Σ-Δ Modulator Ground. Pin 31 is the ground return path for the Σ-Δ modulator.
EP
Exposed Pad. The exposed pad must be connected to AGND.
Rev. A | Page 10 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com