전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP05SC-1HT 데이터시트(PDF) 13 Page - Silicon Laboratories

부품명 SL23EP05SC-1HT
상세설명  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05SC-1HT 데이터시트(HTML) 13 Page - Silicon Laboratories

Back Button SL23EP05SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 14Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SL23EP05
Rev. 2.2
13
10. Package Outline and Dimensions
10.1. 8-Lead SOIC (150 mm)
Figure 6. 8-Lead SOIC (150 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15