전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP09SI-1HT 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SL23EP09SI-1HT
상세설명  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SI-1HT 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SL23EP09SI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP09SI-1HT Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Rev 2.0, May 12, 2008
Page 11 of 14
SL23EP09
Switching Waveforms
OUTPUT
VDD/2
VDD/2
OUTPUT
t1
INPUT
VDD/2
VDD/2
CLKOUT
t2
t3
Any Output
Part 1 or 2
VDD/2
VDD/2
Any Output
Part 2 or 1
Figure 2. Output to Output Skew
Figure 3. Input to Output Skew
Figure 4. Part-to-Part Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14