전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFS17S 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BFS17S
상세설명  NPN Silicon RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17S 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BFS17S Datasheet HTML 1Page - Infineon Technologies AG BFS17S Datasheet HTML 2Page - Infineon Technologies AG BFS17S Datasheet HTML 3Page - Infineon Technologies AG BFS17S Datasheet HTML 4Page - Infineon Technologies AG BFS17S Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BFS17S
Aug-20-2001
2
Electrical Characteristics a TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
-
-
V
Collector-base cutoff current
VCB = 10 V, IE = 0
VCB = 25 V, IE = 0
ICBO
-
-
-
-
0.05
10
µA
Emitter-base cutoff current
VEB = 2.5 V, IC = 0
IEBO
-
-
100
DC current gain
IC = 2 mA, VCE = 1 V
IC = 25 mA, VCE = 1 V
hFE
20
20
-
70
150
-
-
Collector-emitter saturation voltage
IC = 10 mA, IB = 1 mA
VCEsat
-
0.1
0.4
V



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com