전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM7150 데이터시트(PDF) 6 Page - Microchip Technology

부품명 MM7150
상세설명  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 데이터시트(HTML) 6 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 2Page - Microchip Technology MM7150 Datasheet HTML 3Page - Microchip Technology MM7150 Datasheet HTML 4Page - Microchip Technology MM7150 Datasheet HTML 5Page - Microchip Technology MM7150 Datasheet HTML 6Page - Microchip Technology MM7150 Datasheet HTML 7Page - Microchip Technology MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology MM7150 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MM7150
DS00001888A-page 6
 2015 Microchip Technology Inc.
1.3
Pin Descriptions
The pin descriptions are provided in Table 1-1.
TABLE 1-1:
PIN DESCRIPTIONS
Pin
Number
Name
Type
Description
1
HOST_TO_SH_WAKE
I
Used to wake Motion Module from a Sleep state. This signal must
be driven high at least 11ms prior to sending any I2C traffic to the
Motion Module. Active high input.
This pin should be connected to VDD through a 100KΩ resistor.
11
HOST_TO_SH_RESET
I
Reset input. Used to reset the host I2C interface.
This pin should be connected to VDD through a 100KΩ resistor.
4
HIDI2C_HOST_INT
O
Alert Interrupt signal from Motion Module to Host. Used to tell
Host data from Motion Module is ready to be sent out. Active low
output.
15
HIDI2C_HOST_CLK
IOD
I2C Controller Clock to Host Interface
16
HIDI2C_HOST_DAT
IOD
I2C Controller Data to Host Interface
10
NC1
-
This pin should be left unconnected
2
NC2
-
This pin should be left unconnected
9
NC3
-
This pin should be left unconnected
12
NC4
-
This pin should be left unconnected
13
NC5
-
This pin should be left unconnected
14
NC6
-
This pin should be left unconnected
3
NC7
-
This pin should be left unconnected
5
NC8
-
This pin should be left unconnected
6
NC9
-
This pin should be left unconnected
7
VDD
PWR
VDD supply
8
VSS
GND
VDD associated ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com