전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB4020BPHP 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TUSB4020BPHP
상세설명  TUSB4020BPHP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB4020BPHP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TUSB4020BPHP Datasheet HTML 3Page - Texas Instruments TUSB4020BPHP Datasheet HTML 4Page - Texas Instruments TUSB4020BPHP Datasheet HTML 5Page - Texas Instruments TUSB4020BPHP Datasheet HTML 6Page - Texas Instruments TUSB4020BPHP Datasheet HTML 7Page - Texas Instruments TUSB4020BPHP Datasheet HTML 8Page - Texas Instruments TUSB4020BPHP Datasheet HTML 9Page - Texas Instruments TUSB4020BPHP Datasheet HTML 10Page - Texas Instruments TUSB4020BPHP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Appendix A
SLLU219 – June 2015
TUSB4020BPHP EVM Bill of Materials
This appendix contains the TUSB4020BPHP EVM BOM.
Table 1. EVM Bill of Materials
Item
QTY
Reference
Part
Manufacturer
Part Number
Pkg
Description
1
2
C7,C20
1uF
TDK
C2012X7R1A105K
805
CAP CER 1.0UF 10V X7R 10%
0805
2
3
C4,C12,C16,
0.001uF
TDK
C1005X7R1H102K
402
CAP CER 1000PF 50V X7R 10%
0402
3
8
C21,C26,C27,C30,C34,
0.001uF
TDK
C0603X7R1E102K
201
CAP CER 1000PF 25V 10% X7R
C37,C40,C43
0201
4
8
C22,C24,C28,C31,C35,
0.01uF
TDK
C0603X5R1A103K
201
CAP CER 10000PF 10V 10%
C38,C41,C44
X5R 0201
5
9
C3,C5,C6,C11,C13,C17
0.1uF
Yageo
CC0402KRX5R6BB104
402
CAP CERAMIC .1UF 10V X5R
, C46,C48,C50
0402
6
8
C23,C25,C29,C32,C36,
0.1uF
TDK
C0603X5R0J104M
201
CAP CER .10UF 6.3V X5R 0201
C39,C42,C45
7
2
C18,C19
18pF
AVX
04025A180JAT2A
402
CAP CERM 18PF 5% 50V NP0
0402
8
8
C8,C33,C47,C52,C53,C
10uF
Murata Electronics
GRM31CR61C106KC31L
1206
CAPACITOR CERM 10UF 16V
54,C55, C56
10% SMD
9
2
C49,C51
150uF
Kemet
B45197A2157K409
7343
CAP TANT 150UF 10V 10%
(Tantalum)
LOESR SMD
10
8
R1,R8,R20,R21,R22,R2
NOPOP
402
NOPOP
3, R37,
11
5
D1,D5,D6,D7,D8
LED Green 0805
Lite On
LTST-C171GKT
805
LED GREEN CLEAR THIN 0805
SMD
12
4
FB1,FB2,FB3,FB4
220 @ 100MHZ
Murata
BLM18PG221SN1D
603
FERRITE CHIP 220 OHM
Ferrite Bead
1400MA 0603
13
1
SW1
8-POS 50-MIL SMT
C&K Components
SD08H0SBR
SWITCH DIP SPST SEALED
8POS SMD
14
1
U6
USB 2.0 Type B USB-
Amphenol
UE27BC54130
USB RCPT GOLD TYPE B R/A
Shield
15
2
U11,U12
USB 2.0 Type A USB-
Amphenol
UE27AC54100
USB RCPT GOLD TYPE B R/A
Shield
16
1
J5
2.1mm x 5.5mm DC
CUI Inc.
PJ-202AH (PJ-002AH)
2.1mm x
CONN PWR JACK 2.1X5.5MM
Power Jack
5.5mm
HIGH CUR
17
4
R2,R12,R13,R14
1M
Rohm Semiconductor
MCR01MZPJ105
402
RES 1.0M OHM 1/16W 5% 0402
SMD
18
1
R9
90.9K 1%
Rohm Semiconductor
MCR01MZPF9092
402
RES 90.9K OHM 1/16W 1% 0402
SMD
19
2
R31,R32
10K
Rohm Semiconductor
MCR01MZPJ103
402
RES 10K OHM 1/16W 5% 0402
SMD
20
1
R10
10K 1%
Rohm Semiconductor
MCR01MZPF1002
402
RES 10K OHM 1/16W 1% 0402
SMD
21
9
R15,R16,R17,R18,R19,
4.7K
Vishay / Dale
CRCW04024K70FKED
402
RES 4.70K OHM 1/16W 1% 0402
R24, R25,R26,R27
SMD
22
5
R3,R4,R5,R7,R11
1K
Rohm Semiconductor
MCR01MZPJ102
402
RES 1.0K OHM 1/16W 5% 0402
SMD
23
4
R33,R35,R36,R39
330
Rohm Semiconductor
MCR01MZPJ331
402
RES 330 OHM 1/16W 5% 0402
SMD
24
1
R34
25.5K
Panasonic - ECG
ERJ-2RKF2552X
402
RES 25.5K OHM 1/10W 1% 0402
SMD
25
1
R38
1.87K
Vishay / Dale
CRCW04021K87FKED
402
RES 1.87K OHM 1/16W 1% 0402
SMD
26
1
R40
4.99K
Vishay / Dale
CRCW04024K99FKED
402
RES 4.99K OHM 1/16W 1% 0402
SMD
27
1
U2
TUSB4020B
Texas Instruments
TUSB4020B
48QFP
7
SLLU219 – June 2015
TUSB4020BPHP EVM Bill of Materials
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com